Part Number Hot Search : 
16X5R BA7765AS 0505S 2SD1531 12003 PT6905 RF120 AM4520H
Product Description
Full Text Search
 

To Download LM1100XJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM1100 Series
Full Size HCMOS/TTL Compatible Oscillators
* HCMOS/TTL Output * 5.0V Supply Voltage * 14 pin DIP package * Gull wing / J-Lead Option
ELECTRICAL SPECIFICATIONS
Frequency Range Frequency Stability Operating Temperature Range Storage Temperature Range Input Voltage Input Current Symmetry TTL Rise / Fall Time CMOS TTL Output Level CMOS Output Load Pin 1 Tri-state Input Voltage
300 KHz - 40MHz 40 MHz - 175MHz 25ppm 50ppm 100ppm 0 ~ +70C (TTL), -20 ~ +70C (CMOS) -55 ~ +125C +5.0VDC 10% 30mA Max 40mA Max 40/60 ~ 60/40% or 45/55 ~ 55/45% (at 1.4V or 1/2 VDD) 5nSeconds Max 5nSeconds Max 6nSeconds Max 6nSeconds Max VOL: 0.4V Max VOL: 0.4V Max VOH: +2.4V Min VOH: +2.4V Min VOL: 0.5V Max VOL: 0.5V Max VOH: VDD - 0.5V Min VOH: VDD - 0.5V Min CMOS, compatible, 1~10TTL Gates No connection Enables Output VIH 2.4VDC Min to Enable Output VIL 0.8VDC Max to Disable Output
PART NUMBERING GUIDE
LM1100 .3 C (E/D) G - 100.000MHz
Input Voltage
Blank - 5V .3 - 3.3V
Frequency Available Lead Option
Blank - standard G - Gull Wing J - J-Lead Pin 1 Connection Blank - No connection (E/D) - Enable/Disable function or Tristate
Frequency Tolerance/Stability
Blank or A - 100ppm B - 50ppm C - 25ppm X - Customer Specified
PACKAGE DIMENSIONS
Pin 1: No connect or Tristate Pin 7: Case Ground Pin 8: Output Pin 14: Supply Voltage
General Electronic Devices
320 So. Pacific St. San Marcos, CA 92069 Tel: (760) 591-4170 Fax: (760) 591-4164 Email: gedlm@4dcomm.com Website: www.gedlm.com


▲Up To Search▲   

 
Price & Availability of LM1100XJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X